Part Number Hot Search : 
BSV24 204330B 61010 D74LVC32 CHT32 0AT120M1 EN7441 P50N06
Product Description
Full Text Search
 

To Download SC15-11GWA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no: dsad2314 rev no: v.7 date: may/24/2007 page: 1 of 5 approved: wynec checked: joe lee drawn: y.l.li er p: 1301000803 38.1mm (1.5inch) single digit numeric display part number: SC15-11GWA green features z 1.5 inch digit height. z low current operation. z excellent character appearance. z high light output. z easy mounting on p.c. boards or sockets. z i.c. compatible. z multicolor available. z mechanically rugged. z standard : gray face, white segment. z rohs compliant. description the green source color devices are made with gallium phosphide green light emitting diode. package dimensions& internal circuit diagram notes: 1. all dimensions are in millimeters (inches), tolerance is 0.25(0.01")unless otherwise noted. 2. specifications are subject to change without notice.
spec no: dsad2314 rev no: v.7 date: may/24/2007 page: 2 of 5 approved: wynec checked: joe lee drawn: y.l.li er p: 1301000803 selection guide note: 1. luminous intensity/ luminous flux: +/-15%. absolute maximum ratings at ta=25c electrical / optical characteristics at ta=25c notes: 1.wavelength: +/-1nm. 2. forward voltage: +/-0.1v. notes: 1. 1/10 duty cycle, 0.1ms pulse width. 2. 2mm below package base. part no. dice lens type iv (ucd) [1] @ 10ma min. typ. SC15-11GWA green (gap) white diffused 4700 24000 common cathode, rt. hand decimal. description symbol parameter device typ. max. units test conditions peak peak wavelength green 565 nm i f =20ma d [1] dominant wavelength green 568 nm i f =20ma ? 1/2 spectral line half-width green 30 nm i f =20ma c capacitance green 15 pf v f =0v;f=1mhz v f [2] forward voltage per segment or (dp) green 4.4 (2.2) 5.0 (2.5) v i f =20ma i r reverse current per segment or (dp) green 10 (10) ua v r =10v (v r =5v) parameter green units power dissipation per segment or (dp) 125 (62.5) mw dc forward current per segment or (dp) 25 (25) ma peak forward current [1] per segment or (dp) 140 (140) ma reverse voltage per segment or (dp) 10 (5) v operating / storage temperature -40c to +85c lead solder temperature[2] 260c for 3-5 seconds
spec no: dsad2314 rev no: v.7 date: may/24/2007 page: 3 of 5 approved: wynec checked: joe lee drawn: y.l.li er p: 1301000803 green SC15-11GWA
spec no: dsad2314 rev no: v.7 date: may/24/2007 page: 4 of 5 approved: wynec checked: joe lee drawn: y.l.li er p: 1301000803
spec no: dsad2314 rev no: v.7 date: may/24/2007 page: 5 of 5 approved: wynec checked: joe lee drawn: y.l.li er p: 1301000803 packing & label specifications SC15-11GWA


▲Up To Search▲   

 
Price & Availability of SC15-11GWA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X